Part Number Hot Search : 
C101M RB151 2SK80 AN1384 TDA8501T LDA08 SS4003 R5F2L388
Product Description
Full Text Search
 

To Download DA103MC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  kmp_da100c_c03 page 1 of 3 technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232 www.murata-ps.com da100 series transformers for digital audio data transmission for full details go to www.murata-ps.com/rohs $ features rohs compliant compatible with leading chip sets 2kvrms isolation industry-standard pinout surface mount option ul 94 v-0 package materials low pro? le suitable for both 75 & 110 circuits toroidal construction compliant with aes/ebu standards fully encapsulated description the digital audio range of transformers is designed to improve the balance of transmitter and receiver circuitry in hi-? equipment, video games and other applications requiring high-performance digital audio transmission. compliant with aes/ebu recommendations for the digital audio interface, offering optimised shunt capacitance between primary and secondary windings. capable of operating over the audio data rate frequency range, providing isolation from 50-60hz noise. selection guide order code turns ratio primary inductance (10khz, 50mv) max. leakage inductance (100khz, 10mv) min. volt-time product, et min. return loss (100khz-3mhz) typ. common mode rejection (100khz, 110) isolation (flash tested for 1 second) mh h vs db db vrms da101c 1:1 1.00 - 1.59 0.22 15 46.80 52.10 2000 da102c 1:1 2.00 - 3.00 0.39 20 40.40 49.70 da103c 1:1 4.00 - 5.96 0.91 28 36.30 46.40 order code details order code package type packaging type quantity daxxxc 6 pin dil tube 50 daxxxmc 6 pin sm tube 50 daxxxmc-r 6 pin sm tape & reel 500 absolute maximum ratings operating free air temperature range 0c to 70c storage temperature range C40c to 125c all speci? cations typical at t a =25c technical notes isolation voltage hi pot test, flash tested, withstand voltage, proof volt- age, dielectric withstand voltage & isolation test voltage are all terms that relate to the same thing, a test voltage, applied for a speci? ed time, across a component designed to provide electrical isolation, to verify the integrity of that isolation. all products in this series are 100% production tested at their stated isolation voltage. a question commonly asked is, what is the continuous voltage that can be applied across the part in normal opera- tion? for a part holding no speci? c agency approvals both input and output should normally be maintained within selv limits i.e. less than 42.4v peak, or 60vdc. the isolation test volt- age represents a measure of immunity to transient voltages and the part should never be used as an element of a safety isolation system. the part could be expected to function cor- rectly with several hundred volts offset applied continuously across the isolation barrier; but then the circuitry on both sides of the barrier must be regarded as operating at an unsafe voltage and further isolation/insulation systems must form a barrier between these circuits and any user-acces- sible circuitry according to safety standard requirements. repeated high-voltage isolation testing it is well known that repeated high-voltage isolation testing of a barrier component can actually degrade isolation capability, to a lesser or greater degree depending on materials, construction and environ- ment. this series has toroidal isolation transformers, with no additional insulation between primary and secondary windings of enameled wire. while parts can be expected to withstand several times the stated test voltage, the isolation capability does de- pend on the wire insulation. any material, including this enamel (typically polyurethane) is susceptible to eventual chemical degradation when subject to very high applied voltages thus implying that the number of tests should be strictly limited. we there- fore strongly advise against repeated high voltage isolation testing, but if it is absolutely required, that the voltage be reduced by 20% from speci? ed test voltage. this consideration equally applies to agency recog- nized parts rated for better than functional isolation where the wire enamel insulation is always supple- mented by a further insulation system of physical spacing or barriers.
kmp_da100c_c03 page 2 of 3 technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232 www.murata-ps.com da100 series transformers for digital audio data transmission package specifications mechanical dimensions recommended footprint details 6 pin dil 6 pin sm 0.1350.02 (3.440.50) 0.25 (6.35) 0.354 (9.0) max. 0.375 (9.52) max. 11 1 1 0.012 (0.30) 0.008 (0.20) 0.40 (10.16) 0.20 (5.08) 0.025 (0.63) 0.021 (0.53) 0.354 (9.0) max. 0.375 (9.52) max. 0.50 (12.70) 0.025 (0.63) 0.021 (0.53) 0.10 (2.54) 0.04 (0.90) 0.012 (0.30) 0.007 (0.20) 0.25 (6.35) DA103MC xyyww da101c xyyww 1 3 6 4 1 3 6 4 2 5 top view top view soldering information 1 pin ? nish matte tin peak wave solder temperature 300?c for 10 seconds peak re? ow temperature 220?c 1 for further information, please visit www.murata-ps.com/rohs 0.10 (2.54) 0.10 (2.54) ?0.05 (1.20) +0.006 (0.15) -0.000 (0.00) 6 pin dil 6 pin sm unless otherwise stated all dimensions in inches (mm) 0.01 (0.25). all pins on a 0.1 (2.54) pitch and within 0.01 (0.25) of true position . unless otherwise stated all dimensions in inches (mm) 0.01 (0.25). all pins on a 0.1 (2.54) pitch and within 0.01 (0.25) of true position . package weight 0.93g typ. tube outline dimensions 0.0230.005 (0.600.15) 0.16 (4.00) 0.22 (5.50) 0.43 (10.95) 0.51 (12.95) 0.15 (3.80) 0.62 (15.70) unless otherwise stated all dimensions in inches (mm) 0.01 (0.25). tube length: 18.30.08 (4652). tube material: antistatic coated clear pvc. 0.45 (11.50) 0.10 (2.54) 0.04 (1.00) 0.06 (1.60)
kmp_da100c_c03 page 3 of 3 technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232 www.murata-ps.com da100 series transformers for digital audio data transmission murata power solutions, inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. the descriptions contained her ein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. speci? cations are subject to cha nge without notice. ? 2009 murata power solutions, inc. usa: mans? eld (ma), tel: (508) 339 3000, email: sales@murata-ps.com canada: toronto, tel: (866) 740 1232, email: toronto@murata-ps.com uk: milton keynes, tel: +44 (0)1908 615232, email: mk@murata-ps.com france: montigny le bretonneux, tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com germany: mnchen, tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com japan: tokyo, tel: 3-3779-1031, email: japan@murata-ps.com kyoto, tel: 81-75-955-7269, email: japan@murata-ps.com china: shanghai, tel: +86 215 027 3678, email: shanghai@murata-ps.com guangzhou, tel: +86 208 221 8066, email: guangzhou@murata-ps.com singapore: parkway centre, tel: +65 6348 9096, email: singapore@murata-ps.com murata power solutions, inc. 11 cabot boulevard, mans? eld, ma 02048-1151 u.s.a. tel: (508) 339-3000 (800) 233-2765 fax: (508) 339-6356 www.murata-ps.com email: sales@murata-ps.com iso 9001 & iso 14001 registered tape & reel specifications reel outline dimensions tape outline dimensions 1.20 (30.4) max. 0.94-1.08 (23.9-27.4) 0.53 (13.50) 0.50 (12.80) 0.059 (1.50) min. 2.36 (60) min. 0.80 (20.20) min. 3.9 (100) min. leader section 15.7 (400) min. goods enclosure section trailer section 6.3 (160) min. ?15.039 (382) max. ? ? * 0.96 (24.4) 1.04 (26.4) g g unless otherwise stated all dimensions in inches (mm) 0.01(0.25). * includes ? ange distortion at outer edge. g measured at hub. 0.024 (0.60) max. 0.283 (7.20) 0.369 (9.37) direction of unreeling 0.069 (1.75) 0.453 (11.50) 0.157 (4.00) 0.079 (2.00) 0.472 (12.00) cover tape 0.059 (1.50 ) +0.004 -0.000 +0.10 -0.00 0.945 (24.00 ) +0.012 -0.004 +0.30 -0.10 DA103MC xyyww unless otherwise stated all dimensions in inches (mm) 0.01(0.25).


▲Up To Search▲   

 
Price & Availability of DA103MC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X